Part Number Hot Search : 
L080TR1 ON2535 BAV19 MAX39 IRL370 ADSL2 AES1A MAX38
Product Description
Full Text Search
 

To Download FT0054A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: FT0054A doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet part number / ordering information 1 / sff 60 n 90 _e_ ___ screening 2 / __ = not screened tx = tx level txv = txv level s = s level package 3 / 4 / 12 pin package voltage 90 = 900v drain current 60 = 60a sff60n90e 60 amp , 900 volts, 0.22 ? avalanche rated n-channel hipower mosfet features: ? rugged poly-si gate ? lowest on-resistance in the industry ? avalanche rated ? hermetically sealed, isolated package ? low total gate charge ? fast switching ? tx, txv, s-level screening available ? improved (r ds(on) q g ) figure of merit maximum ratings 5 / symbol value units drain - source voltage v dss 900 v gate ? source voltage continuous transient v gs + 20 + 30 v max. continuous drain current (package limited) @ t c = 25oc i d1 60 a max. instantaneous drain current (tj limited) @ t c = 25oc i d2 150 a max. avalanche current @ l= 0.1 mh i ar 60 a single and repetitive avalanche energy @ l= 0.1 mh e as e a r 4000 64 mj total power dissipation @ t c = 25oc p d 825 w operating & storage temperature t op & t stg -55 to +150 oc maximum thermal resistance (junction to case) r jc 0.15 oc/w notes: 12 pin package *pulse test: pulse width = 300sec, duty cycle = 2%. 1 / for ordering information, price, and availability ? contact factory. 2 / screening based on mil-prf-19500. screening flows available on request. 3 / for lead bending options / pinout configurations ? contact factory. 4 / maximum current limited by package configuration 5 / unless otherwise specified, all electrical characteristics @25 o c.
note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: FT0054A doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com sff60n90e electrical characteristics 5 / symbol min typ max units drain to source breakdown voltage v gs = 0v, i d = 1 ma bv dss 900 960 ?? v drain to source on state resistance v gs = 10v, i d = 18a, tj= 25 o c v gs = 10v, i d = 55a, tj=25 o c v gs = 10v, i d = 18a, tj= 125 o c r ds(on) ?? ?? ?? 155 175 300 200 220 ?? m ? gate threshold voltage v ds = v gs , i d = 1.0ma, tj= 25 o c v ds = v gs , i d = 1.0ma, tj= 125 o c v ds = v gs , i d = 1.0ma, tj= -55 o c v gs(th) 2.5 1.5 ?? 5.0 4.0 5.6 6.0 ?? 7.0 v gate to source leakage v gs = 20v, tj= 25 o c v gs = 20v, tj= 125 o c i gss ?? ?? 10 30 100 ?? na zero gate voltage drain current v ds = 720v, v gs = 0v, t j = 25 o c v ds = 900v, v gs = 0v, t j = 25 o c v ds = 720v, v gs = 0v, t j = 125 o c i dss ?? ?? 0.5 10 350 - 100 2000 a forward transconductance v ds = 15v, i d = 20a, t j = 25 o c g fs - 45 ?? mho total gate charge gate to source charge gate to drain charge v gs = 10v v ds = 500v i d = 20a q g q gs q g d ?? ?? ?? 390 135 200 ?? ?? ?? nc turn on delay time rise time turn off delay time fall time v gs = 10v v ds = 450v i d = 10a t d(on) t r t d(off) t f ?? ?? ?? ?? 90 80 170 110 ?? ?? ?? ?? nsec diode forward voltage i f = 60a, v gs = 0v v sd ?? 0.80 1.2 v diode reverse recovery time reverse recovery charge i f = 36a, di/dt = 100a/usec t rr1 i rm1 q rr1 ?? ?? ?? 380 9 2000 ?? ?? ?? nsec a nc input capacitance output capacitance reverse transfer capacitance v gs = 0v v ds = 25v f = 1 mhz c iss c oss c rss ?? ?? ?? 9.2 1.4 380 ?? ?? ?? nf nf pf case outline: 12 pin package gate: pins 1, 12 source: pins 2,3,4,9,10,11 drain: pins 5,6,7,8 pins


▲Up To Search▲   

 
Price & Availability of FT0054A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X